| Electronic Components Datasheet Search |
|
TJF1052IT/2 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TJF1052IT/2 Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 22 page ![]() TJF1052I All information provided in this document is subject to legal disclaimers. © NXP N.V. 2015. All rights reserved. Product data sheet Rev. 2 — 15 January 2015 5 of 22 NXP Semiconductors TJF1052i Galvanically isolated high-speed CAN transceiver 7. Functional description 7.1 Operation 7.1.1 Normal mode During normal operation, the TJF1052i transceiver transmits and receives data via bus lines CANH and CANL (see Figure 1 for the block diagram). The differential receiver converts the analog data on the bus lines into digital data, which is output on pin RXD. The slopes of the output signals on the bus lines are controlled internally and are optimized in a way that guarantees the lowest possible EME. The isolator used in the TJF1052i is an AC device that employs on-off keying to guarantee the DC output state at all times. The states of TXD, RXD and the CAN bus at start-up, shut-down and during normal operation are described in Table 5. Care should be taken regarding power sequencing if the device is used in networks that support remote wake-up (see Section 12 “Application information”). 7.1.2 Standby mode Standby mode is provided to improve the response of the TJF1052i to an undervoltage on VDD2. The microcontroller cannot switch the transceiver directly to Standby mode. The TJF1052i switches to Standby mode during VDD2 power-up and power-down. See Section 7.2.2 for a description of undervoltage protection on VDD2. 7.2 Fail-safe features 7.2.1 TXD dominant time-out function A ‘TXD dominant time-out’ timer is started when pin TXD goes LOW. If the LOW state on TXD persists for longer than tto(dom)TXD, the transmitter is disabled, releasing the bus lines to recessive state. This function prevents a hardware and/or software application failure from driving the bus lines to a permanent dominant state (blocking all network communications). The TXD dominant time-out timer is reset by a positive edge on TXD. The TXD dominant time-out time also defines the minimum possible bit rate of 40 kbit/s. 7.2.2 Undervoltage protection: VDD2 If the voltage on pin VDD2 falls below the standby threshold, Vuvd(stb)(VDD2), the transceiver switches to Standby mode. In Standby mode, the transceiver is not able to transmit or receive data on the bus lines. The transmitter and the Normal mode receiver are switched off and the bus lines are biased to ground to minimize the supply current. The TJF1052i Table 5. Input/output states at start-up, shut-down and during normal operation TXD RXD VDD1 VDD2 CAN Comments HH >Vuvd(VDD1) >Vuvd(stb)VDD2) recessive Normal mode operation LL >Vuvd(VDD1) >Vuvd(stb)VDD2) dominant Normal mode with TXD dominant time-out active X X unpowered >Vuvd(stb)VDD2) dominant dominant after VDD1 power loss until TXD dominant timeout; recessive while VDD2 is ramping up from an unpowered state XL >Vuvd(VDD1) unpowered disconnected RXD transitions L-to-H when VDD2 restored |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |