Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TJF1052IT/2 Datasheet HTML 6Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 7Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 8Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 10Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 11Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 12Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 13Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
10 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Factory testing uses correlated test conditions to
cover the specified temperature and power supply voltage range.
[2]
Referenced to GND1.
[3]
Vcm(CAN) is the common mode voltage of CANH and CANL.
[4]
Standby mode entered when VDD2 falls below Vuvd(stb)(VDD2).
[5]
Guaranteed by design.
[6]
RXD is LOW during thermal shutdown.
VO(dif)bus
bus differential output voltage VTXD =0V; t<tto(dom)TXD
RL =45  to 65 
1.5
-
3
V
VTXD =VCC recessive; no load
50
-
+50
mV
VO(rec)
recessive output voltage
Normal mode; VTXD =VCC; no load
2
0.5VCC 3V
Vth(RX)dif
differential receiver threshold
voltage
Vcm(CAN) = 25 V to +25 V
[3]
Normal mode
0.5
-
0.9
V
Standby mode;
Vcm(CAN) = 12 V to +12 V
[4] 0.4
-
1.15
V
Vhys(RX)dif
differential receiver hysteresis
voltage
Vcm(CAN) = 25 V to +25 V
Normal mode
-165
-
mV
IO(sc)dom
dominant short-circuit output
current
VTXD =0V; t<tto(dom)TXD;
VDD2 =5V
pin CANH; VCANH =0V
100
70
40
mA
pin CANL; VCANL = 5 V / 40 V
40
70
100
mA
IO(sc)rec
recessive short-circuit output
current
Normal mode; VTXD =VDD1
VCANH =VCANL = 27 V to +32 V
5-
+5
mA
IL
leakage current
VDD2 =0 V; VCANH =VCANL =5 V
3-
+3
A
Ri
input resistance
9
15
28
k
R
i
input resistance deviation
between VCANH and VCANL
3-
+3
%
Ri(dif)
differential input resistance
19
30
52
k
Ci(cm)
common-mode input
capacitance
[5] --
20
pF
Ci(dif)
differential input capacitance
[5] --
10
pF
Temperature detection
Tj(sd)
shutdown junction
temperature
[5]
[6]
-190
-
C
Table 11.
Static characteristics …continued
Tvj = 40 C to +125 C; VDD1 = 3.0 V to 5.25 V; VDD2 = 4.75 V to 5.25 V unless otherwise specified. Positive currents flow
into the IC. All voltages and currents are referenced to GND2 unless otherwise specified[1].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com