Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 10Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 11Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 12Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 13Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 14Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 15Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 16Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
13 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
12. Application information
Isolated CAN applications are becoming more and more common in industrial automation
processes. The TJF1052i is the ideal solution for use in DeviceNet networks or in
applications that require an isolated CAN node. The device can also be used to isolate
high-voltage on-demand pumps and motors in belt elimination projects.
If the TJF1052i is used in a HS-CAN network that supports remote bus wake-up, the
power-down sequence of the supplies must be managed properly to avoid a dominant
pulse on the CAN bus. VDD2 should pass the minimum undervoltage threshold
(Vuvd(stb)(VDD2)(min)) before VDD1 falls below its maximum undervoltage detection threshold
(Vuvd(VDD1)(max)). Power-up sequencing can happen in any order.
Digital inputs and outputs are 3 V compliant, allowing the TJF1052i to interface directly
with 3 V and 5 V microcontrollers.
12.1 Application hints
Further information on the application of the TJF1052i can be found in NXP application
hints AH1301 Application Hints -
TJA1052i Galvanic Isolated High Speed CAN Transceiver.
Fig 5.
Typical application with TJF1052i and a 5 V microcontroller.
RXD
MICRO-
CONTROLLER
TX0
RX0
TXD
VDD
GND
CANH
CANH
CANL
CANL
5 V
015aaa388
5 V
BAT
VDD2
GND2
GND1
VDD1
isolated supply
STB
TJF1052I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com