Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 1 Page - NXP Semiconductors

  TJF1052IT/2 Datasheet HTML 1Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 2Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 3Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 4Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 5Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 6Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 7Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 8Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The TJF1052i is a high-speed CAN transceiver that provides a galvanically isolated
interface between a Controller Area Network (CAN) protocol controller and the physical
two-wire CAN bus. The TJF1052i is specifically targeted at industrial applications, where
galvanic isolation barriers are needed between the high- and low-voltage parts.
Safety: Isolation is required for safety reasons, eg. to protect humans from electric shock
or to prevent the electronics being damaged by high voltages.
Signal integrity: The isolator uses proprietary capacitive isolation technology to transmit
and receive CAN signals. This technology enables more reliable data communications in
noisy environments, such as electric pumps, elevators or industrial equipment.
Performance: The transceiver is designed for high-speed CAN applications, supplying
the differential transmit and receive capability to a CAN protocol controller in a
microcontroller. Integrating the galvanic isolation along with the transceiver in the
TJF1052i removes the need for stand-alone isolation. It also improves reliability and
system performance parameters such as loop delay.
The TJF1052i belongs to the third generation of high-speed CAN transceivers from NXP
Semiconductors, offering significant improvements over first- and second-generation
devices. It offers improved ElectroMagnetic Compatibility (EMC) and ElectroStatic
Discharge (ESD) performance, and also features ideal passive behavior to the CAN bus
when the transceiver supply voltage is off.
The TJF1052i implements the CAN physical layer as defined in the current ISO11898
standard (ISO11898-2:2003). Pending the release of the updated version of ISO11898-2
including CAN FD, additional timing parameters defining loop delay symmetry are
specified. This implementation enables reliable communication in the CAN FD fast phase
at data rates up to 2 Mbit/s.
The TJF1052i is an excellent choice for all types of industrial CAN networks where
isolation is required for safety reasons or to enhance signal integrity in noisy
environments.
2.
Features and benefits
2.1 General
 Isolator and Transceiver integrated into a single SO16 package, reducing board space
 ISO 11898-2:2003 compliant
 Loop delay symmetry timing enables reliable communication at data rates up to
2 Mbit/s in the CAN FD fast phase
TJF1052i
Galvanically isolated high-speed CAN transceiver
Rev. 2 — 15 January 2015
Product data sheet
CAN


Similar Part No. - TJF1052IT/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
More results

Similar Description - TJF1052IT/2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL41050 ETC2-IL41050 Datasheet
143Kb / 10P
Isolated High-Speed CAN Transceiver
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
Isolated High-Speed CAN Transceiver
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com