Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TJF1052IT/2 Datasheet HTML 4Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 5Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 6Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 7Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 8Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 10Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 11Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
8 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
8.
Limiting values
[1]
Referenced to GND1.
[2]
According to IEC TS 62228 (2007), Section 4.3; DIN EN 61000-4-2.
[3]
According to AEC-Q100-002.
[4]
8 kV to GND2 and V
DD2; 6 kV to GND1.
[5]
According to AEC-Q100-003.
[6]
According to AEC-Q100-011 Rev-C1. The classification level is C4B.
[7]
An alternative definition of virtual junction temperature is: Tvj =Tamb +P  Rth(vj-a), where Rth(vj-a) is a fixed value used in the calculation
of Tvj. The rating for Tvj limits the allowable combinations of power dissipation (P) and ambient temperature (Tamb).
[8]
If UL compliance is required, the maximum storage temperature is limited to 130
C.
9.
Thermal characteristics
Table 9.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages and currents are referenced to GND2
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
VCANH
voltage on pin CANH
58
+58
V
VCANL
voltage on pin CANL
58
+58
V
VDD1
supply voltage 1
[1]
0.3
+6.0
V
VDD2
supply voltage 2
0.3
+6.0
V
VI
input voltage
on pin TXD
[1]
0.3
VDD1 +0.3 V
VO
output voltage
on pin RXD
[1]
0.3
VDD1 +0.3 V
IO
output current
on pin RXD
[1] -10
mA
Vtrt
transient voltage
on pins CANH and CANL
150
+100
V
VESD
electrostatic discharge voltage IEC 61000-4-2 (150 pF, 330
)
[2]
at pins CANH and CANL
8+8
kV
Human Body Model (HBM); 100 pF, 1.5 k
[3]
at pins CANH and CANL
[4]
8+8
kV
at any other pin
4+4
kV
Machine Model (MM); 200 pF, 0.75
H, 10 
[5]
at any pin
300
+300
V
Charged Device Model (CDM); field Induced
charge; 4 pF
[6]
at corner pins
750
+750
V
at any pin
500
+500
V
Tvj
virtual junction temperature
[7]
40
+125
C
Tamb
ambient temperature
40
+105
C
Tstg
storage temperature
[8]
65
+150
C
Table 10.
Thermal characteristics
According to IEC 60747-1.
Symbol
Parameter
Conditions
Value
Unit
Rth(vj-a)
thermal resistance from virtual junction to ambient
in free air
100
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com