Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TJF1052IT/2 Datasheet HTML 2Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 3Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 4Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 5Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 6Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 7Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 8Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
6 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
will remain in Standby mode until VDD2 rises above Vuvd(stb)(VDD2) (max). The low-power
receiver continues to monitor the bus while the TJF1052i is in Standby mode. Data on the
bus is still reflected onto RXD, but the transfer speed is reduced.
If the voltage on VDD2 falls below the switch-off threshold, Vuvd(swoff)(VDD2), the transceiver
switches off and disengages from the bus (zero load). It is guaranteed to switch on again
in Standby mode when VDD2 rises above Vuvd(swoff)(VDD2) (max).
7.2.3 Undervoltage protection: VDD1
If the voltage on pin VDD1 falls below the undervoltage detection threshold, Vuvd(VDD1), the
CAN bus switches to dominant state and the TXD dominant timeout timer is started. RXD
will not go high again until the supply voltage has been restored on VDD1 (VDD1 >
Vuvd(VDD1)).
7.2.4 Overtemperature protection
The output drivers are protected against overtemperature conditions. If the virtual junction
temperature exceeds the shutdown junction temperature, Tj(sd), the output drivers are
disabled. They are enabled again when the virtual junction temperature falls below Tj(sd)
and TXD is HIGH. Including the TXD condition ensures that output driver oscillation due to
temperature drift is avoided.
7.3 Insulation characteristics and safety-related specifications
[1]
Based on the measured data in the package outline. dL(IO1) is the clearance distance. Note that the clearance distance cannot be larger
than the creepage distance (dL(IO2)).
[2]
Based on the measured data in the package outline. dL(IO2) is the creepage distance. According to IEC 60950-1, normative annex F
(also IEC60664 chapter 6.2, Example 11), the effective minimum external tracking is 1.0 mm less due to the presence of an intervening,
unconnected conductive part.
[3]
Guaranteed by design at a voltage differential of 500 V with the pins on each side of the isolation barrier connected together, simulating
a 2-pin device.
Table 6.
Isolator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
dL(IO1)
minimum air gap
[1] 8.6
-
-
mm
dL(IO2)
minimum external tracking
[2] 8.1
-
-
mm
Rins
insulation resistance
TA = 125 C
[3] 100
-
-
G
TA = 150 C
[3] 10
-
-
G
-
pollution degree
-
2
-
-
-
-
material group (IEC 60664)
2
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com