Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJF1052IT/2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TJF1052IT/2
Description  Galvanically isolated high-speed CAN transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJF1052IT/2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TJF1052IT/2 Datasheet HTML 5Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 6Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 7Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 8Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 9Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 10Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 11Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 12Page - NXP Semiconductors TJF1052IT/2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TJF1052I
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 15 January 2015
9 of 22
NXP Semiconductors
TJF1052i
Galvanically isolated high-speed CAN transceiver
10. Static characteristics
Table 11.
Static characteristics
Tvj = 40 C to +125 C; VDD1 = 3.0 V to 5.25 V; VDD2 = 4.75 V to 5.25 V unless otherwise specified. Positive currents flow
into the IC. All voltages and currents are referenced to GND2 unless otherwise specified[1].
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC supplies; pin VDD1 and VDD2
IDD1
supply current 1
VDD1 = 3 V to 5 V; VDD2 =5 V;
VTXD = 0 V; bus dominant
[2] --
2.6
mA
VDD1 = 3 V to 5 V; VDD2 =5 V;
VTXD =VDD1; bus recessive
[2] --
5.6
mA
IDD2
supply current 2
VDD1 = 3 V to 5 V; VDD2 =5 V;
VTXD = 0 V; bus dominant;
RL =60 
--
70
mA
VDD1 = 3 V to 5 V; VDD2 =5 V;
VTXD =VDD1; bus recessive
--
10
mA
Vuvd(stb)(VDD2)
standby undervoltage
detection voltage on pin VDD2
3.5
-
4.75
V
Vuvd(swoff)(VDD2)
switch-off undervoltage
detection voltage on pin VDD2
1.3
-
2.7
V
Vuvd(VDD1)
undervoltage detection
voltage on pin VDD1
[2] 1.3
-
2.7
V
Vuvhys
undervoltage hysteresis
voltage
on pin VDD1
[2] 40
-
100
mV
on pin VDD2
80
-
200
mV
CAN transmit data input; pin TXD
VIH
HIGH-level input voltage
[2] 2.0
-
VDD1
V
VIL
LOW-level input voltage
[2] 0-
0.8
V
ILI
input leakage current
[2]
10
-
+10
A
CAN receive data output; pin RXD
VOH
HIGH-level output voltage
IOH = 4mA
[2] VDD1 
0.4
--
V
VOL
LOW-level output voltage
IOL =4mA
[2] --
0.4
V
Standby mode control input; pin STB
VIH
HIGH-level input voltage
0.7VCC
-VCC +
0.3
V
VIL
LOW-level input voltage
0.3
-
0.3VCC
V
IIH
HIGH-level input current
VSTB =VCC
1-
+1
A
IIL
LOW-level input current
VSTB =0V
15
-
1
A
Bus lines; pins CANH and CANL
VO(dom)
dominant output voltage
VTXD =0V; t<tto(dom)TXD
pin CANH
2.75
3.5
4.5
V
pin CANL
0.5
1.5
2.25
V
Vdom(TX)sym
transmitter dominant voltage
symmetry
Vdom(TX)sym =
VCC  VCANH  VCANL
400
-
+400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com