Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 4Page - STMicroelectronics TDA7512 Datasheet HTML 5Page - STMicroelectronics TDA7512 Datasheet HTML 6Page - STMicroelectronics TDA7512 Datasheet HTML 7Page - STMicroelectronics TDA7512 Datasheet HTML 8Page - STMicroelectronics TDA7512 Datasheet HTML 9Page - STMicroelectronics TDA7512 Datasheet HTML 10Page - STMicroelectronics TDA7512 Datasheet HTML 11Page - STMicroelectronics TDA7512 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
TDA7512
8/42
IF1 Amplifier1 +2 (10.7MHz)
Gmin
Min. gain
IFG
18
dB
Gmax
Max. gain
IFG
26
dB
RIN
Input resistance
330
Ω
ROUT
Output resistance
330
Ω
CP1dB
1dB compression point
referred to 330
Ω input
105
dB
µV
IIP3
3rd order Intermodulation
referred to 330
Ω input
126
dB
µV
Mixer2 (450kHz)
RIN
Input impedance
330
Ω
V46
Max. input voltage
900
mVRM
S
V48
Limiting sensitivity
S/N = 20dB
25
µV
G
Mixer gain
18
dB
Limiter 1 (450kHz)
GLimiter
Gain
80
dB
Demodulator, Audio Output
THD
Dev.= 75kHz, V46 = 10mVRMS
0.1
%
VMPX
MPX output signal
Dev.= 75kHz
500
mVRM
S
ROUT
Output resistance
50
Ω
|
∆V|min
DC offset fine adjust
DEM, MENA=1
8.5
mV
|
∆V|max DC offset fine adjust
DEM, MENA=1
264
mV
S/N
Dev.= 40kHz,V46 = 10mVRMS
76
dB
Quality Detection
S-meter, Unweighted Fieldstrength
V46
Min. input voltage MIX2
10
µV
V14
Fieldstrength output
V46 = 0VRMS
0.1
V
V14
Fieldstrength output
V46 = 1VRMS
4.9
V
∆V14
voltage per decade
SMSL = 0
1
V
∆V14
voltage per decade
SMSL = 1
1.5
V
Table 3. ELECTRICAL CHARACTERISTICS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCIF1=8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 =10.7MHz, fIF2 =450KHz, fXtal = 10.25MHz, in application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com