Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 6Page - STMicroelectronics TDA7512 Datasheet HTML 7Page - STMicroelectronics TDA7512 Datasheet HTML 8Page - STMicroelectronics TDA7512 Datasheet HTML 9Page - STMicroelectronics TDA7512 Datasheet HTML 10Page - STMicroelectronics TDA7512 Datasheet HTML 11Page - STMicroelectronics TDA7512 Datasheet HTML 12Page - STMicroelectronics TDA7512 Datasheet HTML 13Page - STMicroelectronics TDA7512 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TDA7512
10/42
ISS (intelligent Selectivity System)
Filter 450kHz
fcentre
Centre frequency
fREF_intern = 450kHz
450
kHz
BW 3dB
Bandwidth, -3dB
ISS80 = 1
80
kHz
BW
20dB
Bandwidth, -20dB
ISS80 = 1
150
kHz
BW 3dB
Bandwidth, -3dB
ISS80 = 0
120
kHz
BW
20dB
Bandwidth, -20dB
ISS80 = 0
250
kHz
BW 3dB
Bandwidth weather band
ISS30 = 1
30
kHz
BW
20dB
-20dB weather band
ISS30 = 1
80
kHz
Adjacent Channel ISS Filter Threshold
VNTH
Internal low threshold
ACNTH
0
V
VNTH
Internal high threshold
ACNTH
0.3
V
VWTH
Internal low threshold
ACWTH
0.25
V
VWTH
Internal high threshold
ACWTH
0.95
V
Multipath Threshold
VTHMP
Internal low threshold
MPTH
0.50
V
VTHMP
Internal high threshold
MPTH
1.25
V
ISS Filter Time Constant
I15
Charge current low mid
TISS, ISSCTL = 1
-74
µA
I15
Charge current high mid
TISS, ISSCTL = 1
-60
µA
I15
Charge current low narrow
TISS, ISSCTL = 1
-124
µA
I15
Charge current high narrow
TISS, ISSCTL = 1
-110
µA
I15
Discharge current low
TISS, ISSCTL = 0
1
µA
I15
Discharge current high
TISS, ISSCTL = 0
15
µA
V15
Low voltage
ISSCTL = 0
0.1
V
Table 3. ELECTRICAL CHARACTERISTICS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCIF1=8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 =10.7MHz, fIF2 =450KHz, fXtal = 10.25MHz, in application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com