Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 5Page - STMicroelectronics TDA7512 Datasheet HTML 6Page - STMicroelectronics TDA7512 Datasheet HTML 7Page - STMicroelectronics TDA7512 Datasheet HTML 8Page - STMicroelectronics TDA7512 Datasheet HTML 9Page - STMicroelectronics TDA7512 Datasheet HTML 10Page - STMicroelectronics TDA7512 Datasheet HTML 11Page - STMicroelectronics TDA7512 Datasheet HTML 12Page - STMicroelectronics TDA7512 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9/42
TDA7512
∆V14
S-meter offset
SL, SMSL=1
-15
15
dB
ROUT
Output resistance
200
Ω
TK
Temp coeff.
0
ppm/K
S-meter, Weighted Fieldstrength
V35
Fieldstrength output
V46 = 0VRMS
2.5
V
V35
Fieldstrength output
V46 = 1VRMS
4.9
V
ROUT
Output resistance
12
k
Ω
Adjacent Channel Gain
Gmin
Gain minimum
ACG=0
32
dB
Gmax
Gain maximum
ACG=1
38
dB
Adjacent Channel Filter
fHP
-3dB frequency highpass
ACF=0
100
kHz
fBP
Centre frequency
ACF=1
100
kHz
f-20dB
Attenuation 20dB
70
kHz
Adjacent Channel Output
V13
Output voltage low
0.1
V
V13
Output voltage high
4.9
V
ROUT
Output resistance
4
k
Ω
Multipath Channel Gain
Gmin
Gain minimum
MPG=0
12
dB
Gmax
Gain maximum
MPG=1
23
dB
Multipath Bandpass Filter
fLower
Centre frequency low
MPF=0
19
kHz
fUpper
Centre frequency up
MPF=1
31
kHz
Q
Quality factor
5
10
Multipath Output
V34
Output voltage low
0.1
V
V34
Output voltage high
4.9
V
ROUT
Output resistance
2.5
k
Ω
Table 3. ELECTRICAL CHARACTERISTICS (continued)
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCIF1=8.5V, fRF = 98MHz, dev. = 40kHz,
fMOD =1kHz, fIF1 =10.7MHz, fIF2 =450KHz, fXtal = 10.25MHz, in application circuit, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com