Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 23Page - STMicroelectronics TDA7512 Datasheet HTML 24Page - STMicroelectronics TDA7512 Datasheet HTML 25Page - STMicroelectronics TDA7512 Datasheet HTML 26Page - STMicroelectronics TDA7512 Datasheet HTML 27Page - STMicroelectronics TDA7512 Datasheet HTML 28Page - STMicroelectronics TDA7512 Datasheet HTML 29Page - STMicroelectronics TDA7512 Datasheet HTML 30Page - STMicroelectronics TDA7512 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
27/42
TDA7512
2.3.7
Addr 7 AM Control
2.3.8
Addr 8 Quality ISS Filter
Table 15.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Normal AGC time constant
1
Short time constant for AM seek stop
0
Multipath information available FM at PIN 34
1
AM stereo output available at PIN 34
0
0
Prescaler ratio 10
0
1
Prescaler ratio 8
1
0
Prescaler ratio 6
1
1
Prescaler ratio 4
Table 16.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
ISS filter control “ON”
1
ISS filter control “OFF”
0
Switch ISS filter “OFF”
1
Switch ISS filter “ON”
0
Switch “OFF” ISS filter 120kHz
1
Switch “ON” ISS filter 80kHz
0
Switch “OFF” ISS filter 30KHz for weatherband
1
Switch “ON” ISS filter 30KHz for weatherband
0
Disable TV offset for weather band
1
Enable TV offset for weather band (+4V)
000
discharge current1
µA, charge current mid 74µΑ narrow124µΑ
001
discharge current3
µA, charge current mid 72µΑ narrow122µΑ
010
discharge current5
µA, charge current mid 70µΑ narrow120µΑ
011
discharge current7
µA, charge current mid 68µΑ narrow118µΑ
---
-
111
discharge current15
µA,charge current mid 60µΑnarrow110µΑ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com