Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 29Page - STMicroelectronics TDA7512 Datasheet HTML 30Page - STMicroelectronics TDA7512 Datasheet HTML 31Page - STMicroelectronics TDA7512 Datasheet HTML 32Page - STMicroelectronics TDA7512 Datasheet HTML 33Page - STMicroelectronics TDA7512 Datasheet HTML 34Page - STMicroelectronics TDA7512 Datasheet HTML 35Page - STMicroelectronics TDA7512 Datasheet HTML 36Page - STMicroelectronics TDA7512 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
33/42
TDA7512
2.3.17 Addr 17 FM Demodulator Fine Adjust
2.3.18 Addr 18 S-Meter Slider
Table 25.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
000
00
0mV
0
0
0
0
0
1
+8.5mV
0
000
10
+17mV
-
----
-
-
0
1
1
1
1
1
+263.5mV
1
000
00
0mV
1
0
0
0
0
1
-8.5mV
1
000
10
-17mV
-
----
-
-
1
1
1
1
1
1
-263.5mV
0
0
Spike cancelation ”OFF”
0
1
Threshold for spike cancelation 270mV
1
0
Threshold for spike cancelation 520mV
1
1
Threshold for spike cancelation 750mV
Table 26.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
S meter slider offset SL=0dB
0
0
0
1
S meter offset SL=1dB
0
0
1
0
S meter offset SL=2dB
---
-
-
1
1
1
1
S meter offset SL=15dB
0
S meter offset -SL
1
S meter offset +SL
0
S Meter slope 1V/decade
1
S meter slope 1.5V/decade
0
Select external AM-IF input
1
Select internal AM-IF input
0
Overdeviation correction “ON”
1
Overdeviation correction “OFF”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com