Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 21Page - STMicroelectronics TDA7512 Datasheet HTML 22Page - STMicroelectronics TDA7512 Datasheet HTML 23Page - STMicroelectronics TDA7512 Datasheet HTML 24Page - STMicroelectronics TDA7512 Datasheet HTML 25Page - STMicroelectronics TDA7512 Datasheet HTML 26Page - STMicroelectronics TDA7512 Datasheet HTML 27Page - STMicroelectronics TDA7512 Datasheet HTML 28Page - STMicroelectronics TDA7512 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
25/42
TDA7512
2.3.3
Addr 2 PLL Counter 2 (MSB)
Note: 1. Swallow mode: fVCO/fSYN = LSB + MSB + 32
2.3.4
ddr 3,4 TV1,2 (offset refered to tuning voltage PIN 28)
Table 11.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
000
000
00
MSB = 0
000
000
01
MSB = 256
000
000
10
MSB = 512
---
----
-
-
1
1
1
1
1
1
0
0
MSB = 64768
1
1
1
1
1
1
0
1
MSB = 65024
1
1
1
1
1
1
1
0
MSB = 65280
1
1
1
1
1
1
1
1
MSB = 65536
Table 12.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
0
0
0
Tuning Voltage Offset = 0
00
000
01
TVO = 25mV
00
000
10
TVO = 50mV
---
----
-
-
1
1
1
1
1
1
1
TVO = 3175mV
0
-TVO
1+TVO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com