Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 31Page - STMicroelectronics TDA7512 Datasheet HTML 32Page - STMicroelectronics TDA7512 Datasheet HTML 33Page - STMicroelectronics TDA7512 Datasheet HTML 34Page - STMicroelectronics TDA7512 Datasheet HTML 35Page - STMicroelectronics TDA7512 Datasheet HTML 36Page - STMicroelectronics TDA7512 Datasheet HTML 37Page - STMicroelectronics TDA7512 Datasheet HTML 38Page - STMicroelectronics TDA7512 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
35/42
TDA7512
2.3.21 Addr 21 I/Q FM mixer1 adjust
2.3.22 Addr 22 Test Control 1
2.3.23 Addr 23 Test Control 2
2.3.24 Addr 24 Test Control 3
2.3.25 Addr25 Test Control 4
Table 29.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
0
-7 degree
0
0
0
1
-6 degree
0
0
1
0
-5 degree
---
-
-
0
1
1
1
0 degree
1
0
0
0
+1 degree
1
0
0
1
+2 degree
---
-
-
1
1
1
1
+8degree
00
0%
0
1
-1%
10
+1%
11
0%
x
not used
0
Overdeviation correction current max=45
µA
1
Overdeviation correction current max=90
µA
Table 30.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
x
x
x
x
x
x
x
x
Only for testing ( have to be set to 0)
Table 31.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
x
x
x
x
x
x
x
x
Only for testing ( have to be set to 0)
Table 32.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
x
x
x
x
x
x
x
x
Only for testing ( have to be set to 0)
Table 33.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
x
x
x
x
x
x
x
x
Only for testing ( have to be set to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com