Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 8Page - STMicroelectronics TDA7512 Datasheet HTML 9Page - STMicroelectronics TDA7512 Datasheet HTML 10Page - STMicroelectronics TDA7512 Datasheet HTML 11Page - STMicroelectronics TDA7512 Datasheet HTML 12Page - STMicroelectronics TDA7512 Datasheet HTML 13Page - STMicroelectronics TDA7512 Datasheet HTML 14Page - STMicroelectronics TDA7512 Datasheet HTML 15Page - STMicroelectronics TDA7512 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
TDA7512
12/42
Table 4. ELECTRICAL CHARACTERISTICS
Tamb = +25°C, VCC1 = VCC2 = VCC3 = VCCVCO = VCCMIX1 = VCCMIX2 =8.5V, fRF =1MHz, fMOD = 400Hz at
30% AMfIF1 = 10.7MHz, fIF2 =450kHz, fxtal = 10.25MHz, in application circuit, (unless otherwise noted,
VINRF antenna input).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Global
VANT
min
Max. sensitivity
Ref.: VINRF = 60dB
µV,
19
dB
µV
VANT us
Usable sensitivity
(S+N)/N = 20 dB
30
26
dB
µV
VANT IF2 AGC Range
Ref.: VINRF = 60dB
µV,
56
dB
(S+N)/N
Signal to Noise Ratio
Ref.: VINRF = 60ddB
µV
50
60
dB
aIF
IF rejection
Ref: VINRF = 60dBµV,
IF1 = 10.7MHz
IF2 = 450kHz
100
100
dB
dB
fAF
Frequency response
Ref.: VINRF = 60dB
µV,
VAF = -3 dB
3.6
kHz
THD
Total Harmonic Distortion
VINRF = 60dB
µV, m = 0.8
m = 0.3
VINRF = 120 dbµV, m = 0.8
m = 0.3
0.5
0.3
1.0
0.3
%
V37
Output level
VINRF = 60dB
µV
220
mVRM
S
V34
Output level
VINRF = 60dB
µ, m=off
190
mVRM
S
V3
Min. RF AGC threshold
Max. RF AGC threshold
WAGC
90
109
dB
µV
dB
µV
V58
Min. IF AGC threshold
Max. IF AGC threshold
WAGC
90
109
dB
µV
dB
µV
V58
Min. DAGC threshold
Max. DAGC threshold
DAGC
74
96
dB
µV
dB
µV
|I40max|
AGC2 charge current
seek
160
µA
CCR
Charge current ratio
seek/seek off
30
AGC Voltage Driver Output
V4
Max. AGC output voltage
3.5
V
V4
Min. AGC output voltage
0.5
V
| I4 |
AGC current
100
µA
AGC PIN Diode Driver Output
I5
AGC driver current
-2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com