Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 26Page - STMicroelectronics TDA7512 Datasheet HTML 27Page - STMicroelectronics TDA7512 Datasheet HTML 28Page - STMicroelectronics TDA7512 Datasheet HTML 29Page - STMicroelectronics TDA7512 Datasheet HTML 30Page - STMicroelectronics TDA7512 Datasheet HTML 31Page - STMicroelectronics TDA7512 Datasheet HTML 32Page - STMicroelectronics TDA7512 Datasheet HTML 33Page - STMicroelectronics TDA7512 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
TDA7512
30/42
2.3.13 Addr 13 Softmute Control 2
2.3.14 Addr 14 VCODIV/PLLREF
Table 21.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Disable mute threshold for ISS filter “ON”
1
Enable mute threshold for ISS filter “ON”
0
0
AC mute depth 10dB
0
1
AC mute depth 8dB
1
0
AC mute depth 6dB
1
1
AC mute depth 4dB
0
0
0
0
AC mute threshold 60mV
0
0
0
1
AC mute threshold 80mV
0
0
1
0
AC mute threshold 100mV
--
--
-
0
1
1
1
AC mute threshold 340mV
1
1
1
1
AC mute “OFF”
0
AC mute filter 110KHz
1
AC mute filter 100KHz
Table 22.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
not valid (only for testing)
0
1
VCO frequency divided by 2
1
0
VCO frequency divided by 3
1
1
original VCO frequency
0
VCO” I” signal 0 degree
1
VCO “I” signal 180 degree
1
0
0
PLL reference frequency 50KHz
1
0
1
PLL reference frequency 25KHz
1
1
0
PLL reference frequency 10KHz
1
1
1
PLL reference frequency 9KHz
0
0
0
PLL reference frequency 2KHz
0
Select FM mode
1
Select AM mode
0
Select PLL low pass filter FM
1
Select PLL low pass filter AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com