Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 27Page - STMicroelectronics TDA7512 Datasheet HTML 28Page - STMicroelectronics TDA7512 Datasheet HTML 29Page - STMicroelectronics TDA7512 Datasheet HTML 30Page - STMicroelectronics TDA7512 Datasheet HTML 31Page - STMicroelectronics TDA7512 Datasheet HTML 32Page - STMicroelectronics TDA7512 Datasheet HTML 33Page - STMicroelectronics TDA7512 Datasheet HTML 34Page - STMicroelectronics TDA7512 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31/42
TDA7512
2.3.15 Addr 15 FM AGC
Table 23.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
RFAGC threshold V7-9TH= 85(77 ANT)dBµV
01
RFAGC threshold V7-9TH= 90(82 ANT)dB
µV
10
RFAGC threshold V7-9TH= 94(86 ANT)dBµV
11
RFAGC threshold V7-9TH= 96(88 ANT)dB
µV
00
IFAGC threshold V60TH= 86(60 ANT)dB
µV
01
IFAGC threshold V60TH= 92(66 ANT)dBµV
10
IFAGC threshold V60TH= 96(70 ANT)dB
µV
11
IFAGC threshold V60TH= 98(72 ANT)dB
µV
00
0
KAGC threshold 80dB
µV
00
1
KAGC threshold 82dB
µV
01
0
KAGC threshold 84dB
µV
01
1
KAGC threshold 86dB
µV
10
0
KAGC threshold 88dB
µV
10
1
KAGC threshold 90dB
µV
11
0
KAGC threshold 92dB
µV
1
1
1
Keying AGC “OFF”
0
has to be “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com