Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 24Page - STMicroelectronics TDA7512 Datasheet HTML 25Page - STMicroelectronics TDA7512 Datasheet HTML 26Page - STMicroelectronics TDA7512 Datasheet HTML 27Page - STMicroelectronics TDA7512 Datasheet HTML 28Page - STMicroelectronics TDA7512 Datasheet HTML 29Page - STMicroelectronics TDA7512 Datasheet HTML 30Page - STMicroelectronics TDA7512 Datasheet HTML 31Page - STMicroelectronics TDA7512 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
TDA7512
28/42
2.3.9
Addr 9 Quality Detection Adjacent Channel
2.3.10 Addr 10 Quality Detection Multipath
Table 17.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0/1
Not valid
0
AC highpass frequency 100kHz
1
AC bandpass frequency 100kHz
0
AC gain 32dB
1
AC gain 38dB
0
0
0
AC wide band threshold 0.25V
0
0
1
AC wide band threshold 0.35V
0
1
0
AC wide band threshold 0.45V
--
-
-
1
1
1
AC wide band threshold 0.95V
0
0
AC narrow band threshold 0.0V
0
1
AC narrow band threshold 0.1V
1
0
AC narrow band threshold 0.2V
1
1
AC narrow band threshold 0.3V
Table 18.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
Multipath control “ON”
1
Multipath control “OFF”
0
MP bandpass frequency 19KHz
1
MP bandpass frequency 31KHz
0
MP gain 12dB
1
MP gain 23dB
0
0
MP threshold 0.50V
0
1
MP threshold 0.75V
1
0
MP threshold 1.00V
1
1
MP threshold 1.25V
0
0
Application mode 1
0
1
Application mode 2
0
Multipath eliminates ac
1
Multipath eliminates ac and ac+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com