Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 22Page - STMicroelectronics TDA7512 Datasheet HTML 23Page - STMicroelectronics TDA7512 Datasheet HTML 24Page - STMicroelectronics TDA7512 Datasheet HTML 25Page - STMicroelectronics TDA7512 Datasheet HTML 26Page - STMicroelectronics TDA7512 Datasheet HTML 27Page - STMicroelectronics TDA7512 Datasheet HTML 28Page - STMicroelectronics TDA7512 Datasheet HTML 29Page - STMicroelectronics TDA7512 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
TDA7512
26/42
2.3.5
Addr 5 IF Counter Control 1
2.3.6
Addr 6 IF Counter Control 2
Table 13.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00
0
tSample = 20.48ms (FM)128ms (AM )
00
1
tSample = 10.24ms (FM)64ms (AM )
01
0
tSample = 5.12ms (FM)32ms (AM )
01
1
tSample = 2.56ms (FM)16ms (AM )
10
0
tSample = 1.28ms (FM)8ms (AM )
10
1
tSample = 640µs (FM)4ms (AM )
11
0
tSample = 320µs (FM)2ms (AM)
11
1
tSample = 160
µs (FM)1ms (AM )
0
IF counter disable / stand by
1
IF counter enable
0
0
Not valid
0
1
IF counter FM mode
1
0
IF counter AM mode (450KHz)
1
1
IF counter AM mode (10.7MHz)
0
Disable mute & AGC on hold in FM mode
1
Enable mute & AGC on hold in FM mode
0
Disable local mode
1
Enable local mode (PIN diode current = 0.5mA) “ON”
Table 14.
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
000
00
fCenter = 10.60625MHz (FM) / 10.689MHz ; 449KHz (AM)
000
01
fCenter = 10.61250MHz (FM) / 10.690MHz ; 450KHz (AM)
---
----
-
-
010
11
fCenter = 10.67500MHz (FM) / 10.700MHz ; 460KHz (AM)
011
00
fCenter = 10.68125MHz (FM) / 10.701MHz ; 461KHz (AM)
011
01
fCenter = 10.68750MHz (FM) / 10.702MHz ; 462KHz (AM)
011
10
fCenter = 10.69375MHz (FM) / 10.703MHz ; 463KHz (AM)
011
11
fCenter = 10.70000MHz (FM) / 10.704MHz ; 464KHz(AM)
---
----
-
-
111
11
fCenter = 10.80000MHz (FM) / 10.720MHz ;480KHz (AM)
0
0
0
Not valid
0
0
1
Not valid
0
1
0
Not valid
011
∆f = 6.25kHz (FM)1kHz (AM)
100
∆f = 12.5kHz (FM) 2kHz (AM)
101
∆f = 25kHz (FM) 4kHz (AM)
110
∆f = 50kHz (FM) 8kHz (AM)
111
∆f = 100kHz (FM)16kHz (AM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com