Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7512 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7512
Description  AM/FM CAR RADIO TUNER IC WITH INTELLIGENT SELECTIVITY SYSTEM ISS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7512 Datasheet HTML 13Page - STMicroelectronics TDA7512 Datasheet HTML 14Page - STMicroelectronics TDA7512 Datasheet HTML 15Page - STMicroelectronics TDA7512 Datasheet HTML 16Page - STMicroelectronics TDA7512 Datasheet HTML 17Page - STMicroelectronics TDA7512 Datasheet HTML 18Page - STMicroelectronics TDA7512 Datasheet HTML 19Page - STMicroelectronics TDA7512 Datasheet HTML 20Page - STMicroelectronics TDA7512 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17/42
TDA7512
1.7
PLL and IF Counter Section
1.7.1
PLL Frequency Synthesizer Block
This part contains a frequency synthesizer and a loop filter for the radio tuning system. Only one VCO is required
to build a complete PLL system for FM world tuning and AM upconversion. For auto search stop operation an
IF counter system is available.
The counter works in a two stages configuration. The first stage is a swallow counter with a two modulus (32/33)
precounter. The second stage is an 11-bit programmable counter.
The circuit receives the scaling factors for the programmable counters and the values of the reference frequen-
cies via an I2C-Bus interface.The reference frequency is generated by an adjustable internal (XTAL) oscillator
followed by the reference divider. The main reference and step-frequencies are free selectable (RC, PC).
Output signals of the phase detector are switching the programmable current sources. The loop filter integrates
their currents to a DC voltage.
The values of the current sources are programmable by 6 bits also received via the I2C Bus (A, B, CURRH, LPF).
To minimize the noise induced by the digital part of the system, a special guard configuration is implemented.
The loop gain can be set for different conditions by setting the current values of the chargepump generator.
1.7.2
Frequency Generation for Phase Comparison
The RF signals applies a two modulus counter (32/33) pre-scaler, which is controlled by a 5-bit A-divider. The
5-bit register (PC0 to PC4) controls this divider. In parallel the output of the prescaler connects to an 11-bit B-
divider. The 11-bit PC register (PC5 to PC15) controls this divider
Dividing range:
fVCO = [33 x A + (B + 1 - A) x 32] x fREF
fVCO = (32 x B + A + 32) x fREF
Important: For correct operation: A
32; B A
1.7.3
Three State Phase Comparator
The phase comparator generates a phase error signal according to phase difference between fSYN and fREF.
This phase error signal drives the charge pump current generator.
1.7.4
Charge Pump Current Generator
This system generators signed pulses of current. The phase error signal decides the duration and polarity of
those pulses. The current absolute values are programmable by A register for high current and B register for
low current.
1.7.5
Inlock Detector
Switching the chargepump in low current mode can be done either via software or automatically by the inlock
detector, by setting bit LDENA to "1".
After reaching a phase difference about lower than 40nsec the chargepump is forced in low current mode. A
new PLL divider alternation by I2C-Bus will switch the chargepump in the high current mode.
1.7.6
Low Noise CMOS Op-amp
An internal voltage divider at pin VREF2 connects the positive input of the low noise op-amp. The charge pump
output connects the negative input. This internal amplifier in cooperation with external components can provide
an active filter. The negative input is switchable to three input pins, to increase the flexibility in application. This
feature allows two separate active filters for different applications.
While the high current mode is activated LPHC output is switched on.
1.7.7
IF Counter Block
The aim of IF counter is to measure the intermediate frequency of the tuner for AM and FM mode. The input
signal for FM and AM upconversion is the same 10.7MHz IF level after limiter. AM 450KHz signal is coming from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com