| Electronic Components Datasheet Search |
|
TJA1080ATS/2/T Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TJA1080ATS/2/T Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 49 page ![]() TJA1080A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 5 — 24 February 2011 14 of 49 NXP Semiconductors TJA1080A FlexRay transceiver 6.2.1 Normal mode In Normal mode the transceiver is able to transmit and receive data via the bus lines BP and BM. The output of the normal receiver is directly connected to pin RXD. The transmitter behavior in Normal mode of operation, with no time-out present on pins TXEN and BGE and the temperature flag not set, is given in Table 8. In this mode pins INH1 and INH2 are set HIGH. 6.2.2 Receive-only mode In Receive-only mode the transceiver can only receive data. The transmitter is disabled, regardless of the voltages on pins BGE and TXEN. In this mode pins INH1 and INH2 are set HIGH. 6.2.3 Standby mode In Standby mode the transceiver has entered a low power mode which means very low current consumption. In the Standby mode the device is not able to transmit or receive data and the low power receiver is activated to monitor for bus wake-up patterns. Standby mode can be entered if the correct polarity is applied to pins EN and STBN (see Figure 5 and Table 4) or an undervoltage is present on pin VCC; see Figure 5. In this mode, pin INH1 is set HIGH. If the wake flag is set, pin INH2 is set to HIGH and pins RXEN and RXD are set to LOW, otherwise pin INH2 is floating and pins RXEN and RXD are set to HIGH; see Section 6.5. 6.2.4 Go-to-sleep mode In this mode the transceiver behaves as in Standby mode. If this mode is selected for a longer time than the go-to-sleep hold time parameter (minimum hold time) and the wake flag has been previously cleared, the transceiver will enter Sleep mode, regardless of the voltage on pin EN. Table 8. Transmitter function table BGE TXEN TXD Transmitter L X X transmitter is disabled X H X transmitter is disabled H L H transmitter is enabled; the bus lines are actively driven; BP is driven HIGH and BM is driven LOW H L L transmitter is enabled; the bus lines are actively driven; BP is driven LOW and BM is driven HIGH |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |