Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver Support of 60 ns minimum bit time
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 35Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 36Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 37Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 38Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 39Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 40Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 41Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 42Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 24 February 2011
39 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
11. Test information
Fig 14. Test circuit for dynamic characteristics
The waveforms of the applied transients are in accordance with ISO 7637, test pulses 1, 2, 3a and
3b.
Test conditions:
Normal mode: bus idle
Normal mode: bus active; TXD at 5 MHz and TXEN at 1 kHz
Fig 15. Test circuit for automotive transients
015aaa053
22
μF
15 pF
10
μF
+12 V
VCC
VIO
VBAT
Rbus
Cbus
VBUF
BP
18
419
14
20
17
7
BM
RXD
+5 V
100
nF
TJA1080A
015aaa054
12 V or 42 V
1 nF
1 nF
ISO 7637
10
μF
10
μF
VCC
VIO
VBAT
Rbus
Cbus
VBUF
BP
18
419
14
20
17
BM
+5 V
100
nF
G
ISO 7637
G
TJA1080A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com