| Electronic Components Datasheet Search |
|
TJA1080ATS/2/T Datasheet(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TJA1080ATS/2/T Datasheet(HTML) 1 Page - NXP Semiconductors |
|
1 / 49 page ![]() 1. General description The TJA1080A is a FlexRay transceiver that is fully compliant with the FlexRay electrical physical layer specification V2.1 Rev. A (see Ref. 1). In addition, it incorporates features and parameters included in V3.0.1 (see Ref. 2 and Section 14). It is primarily intended for communication systems from 1 Mbit/s to 10 Mbit/s, and provides an advanced interface between the protocol controller and the physical bus in a FlexRay network. The TJA1080A can be configured to be used as an active star transceiver or as a node transceiver. The TJA1080A provides differential transmit capability to the network and differential receive capability to the FlexRay controller. It offers excellent EMC performance as well as high ESD protection. The TJA1080A actively monitors the system performance using dedicated error and status information (readable by any microcontroller), as well as internal voltage and temperature monitoring. The TJA1080A supports the mode control as used in NXP Semiconductors TJA1054 (see Ref. 3) and TJA1041 (see Ref. 4) CAN transceivers. The TJA1080A is the next step up from the TJA1080 FlexRay transceiver (Ref. 5). Being fully pin compatible and offering the same excellent ESD protection, the TJA1080A also features: • Improved power-on reset concept • Improved ElectroMagnetic Emission (EME) • Support of 60 ns minimum bit time • Improved bus error detection functionality This makes the TJA1080A an excellent choice in any kind of FlexRay node. See Section 14 for a detailed overview of differences between the TJA1080 and the TJA1080A. 2. Features and benefits 2.1 Optimized for time triggered communication systems Compliant with FlexRay electrical physical layer specification V2.1 Rev. A (see Ref. 1) Automotive product qualification in accordance with AEC-Q100 Data transfer up to 10 Mbit/s Support of 60 ns minimum bit time TJA1080A FlexRay transceiver Rev. 5 — 24 February 2011 Product data sheet |
Similar Part No. - TJA1080ATS/2/T |
|
Similar Description - TJA1080ATS/2/T |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |