Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver Support of 60 ns minimum bit time
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 18Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 19Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 20Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 21Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 22Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 23Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 24Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 25Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 24 February 2011
22 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
6.6 Fail silent behavior
In order to be fail silent, undervoltage detection and a reset mechanism for the digital state
machine is implemented.
If an undervoltage is detected on pins VCC, VIO and/or VBAT, the transceiver will enter a
low power mode. This ensures a passive and defined behavior of the transmitter and
receiver in case of an undervoltage detection.
In the region between the minimum operating voltage and the undervoltage detection
threshold, the principle function of the transmitter and receiver is maintained. However, in
this region parameters (e.g. thresholds and delays of the transmitter and receiver) may
deviate from the range specified for the operating range.
The digital state machine is supplied by VCC, VIO or VBAT, depending on which voltage is
available. Therefore, the digital state machine will be properly supplied as long as the
voltage on pin VCC or pin VIO remains above 4.75 V or the voltage on pin VBAT remains
above 6.5 V.
If the voltage on all pins VCC, VIO and VBAT breaks down, a reset signal will be given to the
digital state machine as soon as the internal supply voltage for the digital state machine is
not sufficient for proper operation of the state machine. This ensures a passive and
defined behavior of the digital state machine in case of an overall supply voltage
breakdown.
6.6.1 VBAT undervoltage
Node configuration: If the UVVBAT flag is set the transceiver will enter Sleep mode
(pins INH1 and INH2 are switched off) regardless of the voltage present on pins EN
and STBN. If the undervoltage recovers the wake flag will be set and the transceiver
will enter the mode determined by the voltages on pins EN and STBN.
Star configuration: The TJA1080A in star configuration is able to transmit and receive
data as long as VCC and VIO are within their operating ranges, regardless of the
undervoltage on VBAT.
6.6.2 VCC undervoltage
Node configuration: If the UVVCC flag is set the transceiver will enter the Standby
mode (pin INH2 is switched off) regardless of the voltage present on pins EN and
STBN. If the undervoltage recovers or the wake flag is set mode switching via pins EN
and STBN is possible.
Star configuration: If the UVVCC flag is set the transceiver will enter the Star-sleep
mode.
6.6.3 VIO undervoltage
Node configuration: If the voltage on pin VIO is lower than Vuvd(VIO) (even if the UVVIO
flag is reset) pins EN, STBN, TXD and BGE are set LOW (internally) and pin TXEN is
set HIGH (internally). If the UVVIO flag is set the transceiver will enter Sleep mode
(pins INH1 and INH2 are switched off). If the undervoltage recovers or the wake flag is
set, mode switching via pins EN and STBN is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com