Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver Support of 60 ns minimum bit time
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 25Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 26Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 27Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 28Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 29Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 30Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 31Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 32Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 24 February 2011
29 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
Pin VIO
IIO
supply current on pin
VIO
low power modes
−1+1
+10
μA
Normal and Receive-only
modes; VTXD = VIO
-
-
1000
μA
Vuvd(VIO)
undervoltage detection
voltage on pin VIO
11.5
2
V
Vuvr(VIO)
undervoltage recovery
voltage on pin VIO
11.6
2.2
V
Vuvhys(VIO)
undervoltage hysteresis
voltage on pin VIO
VBAT > 5.5 V
25
-
200
mV
Pin VBUF
IBUF
supply current on pin
VBUF
low power modes in node
configuration
−10
+10
μA
low power modes in star
configuration
VBUF = 0 V; VCC = 0 V
−40
−20
+1
μA
VBUF = 5.25 V
−10
+15
μA
Normal mode; VBGE = VIO;
VTXEN = 0 V; VBUF = VCC
[1] --35
mA
Star-transmit mode
-
-
62
mA
Star-receive mode
-
-
42
mA
Normal mode; VBGE = 0 V;
VTXEN = VIO; Receive-only
mode; Star-idle mode
--15
mA
VBUF(on)
on-state voltage on pin
VBUF
VCC switch is switched on;
Normal mode; VBGE = VIO;
VTXEN = 0 V; VCC > maximum
value of Vuvd(VCC)
VCC − 0.25 -
VCC
V
VBUF(off)
off-state voltage on pin
VBUF
VCC switch is switched off; low
power modes in star
configuration; VCC < minimum
value of Vuvd(VCC)
4.5
-
5.25
V
Pin EN
VIH(EN)
HIGH-level input voltage
on pin EN
0.7VIO
-5.5
V
VIL(EN)
LOW-level input voltage
on pin EN
−0.3
-
0.3VIO
V
IIH(EN)
HIGH-level input current
on pin EN
VEN = 0.7VIO
3-
11
μA
IIL(EN)
LOW-level input current
on pin EN
VEN = 0 V
−10
+1
μA
Table 13.
Static characteristics …continued
All parameters are guaranteed for VBAT = 6.5 V to 60 V; VCC = 4.75 V to 5.25 V; VBUF = 4.75 V to 5.25 V; VIO = 2.2 V to 5.25 V;
Tvj = 40 °C to +150 °C; Rbus = 45 Ω; RTRXD = 200 Ω unless otherwise specified. All voltages are defined with respect to
ground; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com