Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver Support of 60 ns minimum bit time
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 21Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 22Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 23Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 24Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 25Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 26Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 27Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 28Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 24 February 2011
25 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
6.8 TRXD collision
A TRXD collision is detected when both TRXD lines are LOW for more than the TRXD
collision detection time (tdet(col)(TRXD)) in star configuration.
6.9 Status register
The status register can be read out on pin ERRN by using pin EN as clock; the status bits
are given in Table 10. The timing diagram is illustrated in Figure 11.
The status register is accessible if:
UVVIO flag is not set and the voltage on pin VIO is between 4.75 V and 5.25 V
UVVCC flag is not set and the voltage on pin VIO is between 2.2 V and 4.75 V
After reading the status register, if no edge is detected on pin EN for longer than tdet(EN),
the status bits (S4 to S12) will be cleared if the corresponding flag has been reset. Pin
ERRN is LOW if the corresponding status bit is set.
Table 10.
Status bits
Bit number
Status bit
Description
S0
LOCAL WAKEUP
local wake-up source flag is redirected to this bit
S1
REMOTE WAKEUP
remote wake-up source flag is redirected to this bit
S2
NODE CONFIG
node configuration flag is redirected to this bit
S3
PWON
status bit set means PWON flag has been set previously
S4
BUS ERROR
status bit set means bus error flag has been set previously
S5
TEMP HIGH
status bit set means temperature high flag has been set previously
S6
TEMP MEDIUM
status bit set means temperature medium flag has been set previously
S7
TXEN_BGE CLAMPED
status bit set means TXEN_BGE clamped flag has been set previously
S8
UVVBAT
status bit set means UVVBAT flag has been set previously
S9
UVVCC
status bit set means UVVCC flag has been set previously
S10
UVVIO
status bit set means UVVIO flag has been set previously
S11
STAR LOCKED
status bit is set if Star-locked mode has been entered previously
S12
TRXD COLLISION
status bit is set if a TRXD collision has been detected previously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com