Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX28AEC Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 18Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
22
Freescale Semiconductor
Table 27 shows the digital pin DC characteristics for GPIO in 1.8 V mode.
10-K pull-up resistance2
Rpu10k
8
12
K
Ω
47-K pull-up resistance2
Rpu47k
39
56
K
Ω
1 The conditions of the current measurements for all different drives are as follows:
IOL: at 0.4 V
IOH: at VDDIO * 0.8 V
Maximum corner for 3.3 V mode: 3.6 V, -40
°C, fast process.
Minimum corner for 3.3 V mode: 3.0 V, 105
°C, slow process
8 gpio pins (LCD_D0-D7) and 2 gpio_clk pins (LCD_DOTCLK and LCD_WR_RWN) simultaneously loaded.
2 See the i.MX28 reference manual for detailed pull-up configuration of each I/O.
Table 27. Digital Pin DC Characteristics for GPIO in 1.8 V Mode
Symbol
Min
Max
Units
Input voltage high (DC)
VIH
0.7
× VDDIO18
VDDIO18
V
Input voltage low (DC)
VIL
0.3
× VDDIO18
V
Output voltage high (DC)
VOH
0.8 * VDDIO18
V
Output voltage low (DC)
VOL
0.2
× VDDIO18
V
Output source current1
(DC)
gpio
1 The condition of the current measurements for all different drives are as follows:
Maximum corner for 1.8 V mode: 1.9 V, -40
°C, Fast process.
Minimum corner for 1.8 V mode: 1.7 V, 105
°C, Slow process.
1 gpio pin (GPMI_D0) and 1 gpio_clk pin (GPMI_WRN) simultaneously loaded.
IOH – low
-2.2
mA
IOH – medium
-3.5
mA
IOH – high
-4.0
mA
Output sink current1
(DC)
gpio
IOL – low
3.3
mA
IOL – medium
7.0
mA
IOL – high
7.5
mA
Output source current1
(DC)
gpio_clk
IOH – low
-4.2
mA
IOH – high
-6.0
mA
Output sink current1
(DC)
gpio_clk
IOL – low
6.8
mA
IOL – high
11.5
mA
10-K pull-up resistance2
2 See the i.MX28 reference manual for detailed pull-up configuration of each I/O.
Rpu10k
8
12
K
Ω
47-K pull-up resistance2
Rpu47k
39
56
K
Ω
Table 26. Digital Pin DC Characteristics for GPIO in 3.3-V Mode (continued)
Parameter
Symbol
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com