Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX28AEC Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
59
4
Package Information and Contact Assignments
4.1
289-Ball MAPBGA—Case 14 x 14 mm, 0.8 mm Pitch
The following notes apply to Figure 44:
All dimensions are in millimeters.
Dimensioning and tolerancing per ASME Y14.5M-1994.
Maximum solder bump diameter measured parallel to datum A.
Datum A, the seating plane, is determined by the spherical crowns of the solder bumps.
Parallelism measurement excludes any effect of mark on top surface of package.
Table 64. UART Receive Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
UA2
Receive bit time1
1 The UART receiver can tolerate 1/(16
× F
baud_rate) tolerance in each bit. But accumulation tolerance in one frame must not
exceed 3/(16
× F
baud_rate).
tRbit
1/Fbaud_rate
2 – 1/(16
× F
baud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UARTAPP can support is 3.25 Mbps. The maximum baud rate of
DebugUART is 115 kbps.
1/Fbaud_rate + 1/(16
× F
baud_rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com