Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX28AEC Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
50
Freescale Semiconductor
3.5.12
Serial Audio Interface (SAIF) AC Timing
The following subsections describe SAIF timing in two cases:
Transmitter
Receiver
3.5.12.1
SAIF Transmitter Timing
Figure 33 shows the timing for SAIF transmitter with internal clock, and Table 55 describes the timing
parameters (SS1–SS13).
Figure 33. SAIF Transmitter Timing Diagram
Table 54. PWM Output Timing Parameter: MATT Mode 24 MHz Crystal Clock
Ref No.
Parameter
Minimum
Maximum
Unit
1
System CLK frequency1
1 CL of PWMO = 30 pF
24
24
MHz
2a
Clock high time
20.99
ns
2b
Clock low time
21.01
ns
3a
Clock fall time
0.3
ns
3b
Clock rise time
0.3
ns
4a
Output delay time
15.23
ns
4b
Output setup time
15.92
ns
BITCLK
LRCLK
SS1
SDATA0-2
SS2
SS4
SS3
SS5
SS6
SS7
SS8
SS9
SS12
SS13
SS10
SS11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com