Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX28AEC Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 12Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 13Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 14Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 15Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
12
Freescale Semiconductor
Table 7 shows the electrostatic discharge immunity.
Note that HBM and CDM pass ESD testing per AEC-Q100.
Table 7. Electrostatic Discharge Immunity
289-Pin BGA Package
Tested Level
Human Body Model (HBM)
2 kV
Charge Device Model (CDM)
500 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com