Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX28AEC Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
57
3.5.14.4
SPI AC Timing
Figure 41 depicts the master mode and slave mode timings of the SPI, and Table 62 lists the timing
parameters.
Figure 41. SPI Interface Timing Diagram
MS4
SCK Rise Time
tCLKr
10
ns
MS5
SCK Fall Time
tCLKf
10
ns
MS11
BS Setup Time
tBSsu
8
ns
MS12
BS Hold Time
tBSh
1
ns
MS13
DATA Setup Time
tDsu
8
ns
MS14
DATA Hold Time
tDh
1
ns
MS15
DATA Input Delay Time
tDd
15
ns
Table 62. SPI Interface Timing Parameters
ID
Parameter
Symbol
Min.
Max.
Units
CS1
SCK cycle time
tclk
50
ns
CS2
SCK high or low time
tSW
25
ns
CS3
SCK rise or fall
tRISE/FALL
—7.6
ns
CS4
SSn pulse width
tCSLH
25
ns
CS5
SSn lead time (CS setup time)
tSCS
25
ns
CS6
SSn lag time (CS hold time)
tHCS
25
ns
CS7
MOSI setup time
tSmosi
5—
ns
CS8
MOSI hold time
tHmosi
5—
ns
CS9
MISO setup time
tSmiso
5—
ns
CS10
MISO hold time
tHmiso
5—
ns
Table 61. MS Parallel Transfer Timing Parameters (continued)
ID
Parameter
Symbol
Min
Max
Units
CS7
CS8
CS2
CS2
CS4
CS6
CS9
CS10
SCK
SSn
MISO
MOSI
CS1
CS3
CS3
CS5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com