Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX28AEC Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
29
3.5.2.2
Ethernet PLL Electrical Specifications
i.MX28 provides a 50-MHz/25-MHz output clock, called the Ethernet PLL output.
Table 34 lists the Ethernet PLL output electrical specifications.
Table 34. Ethernet PLL Specifications
Parameter
Test Conditions
Min
Typ
Max
Unit
Output Duty Cycle
45
50
55
%
PLL lock time
10
µs
Cycle to cycle jitter
25
ps
Clock output frequency tolerance1
1 This Ethernet output clock tolerance specification is the contribution from the PLL only and assumes a perfect 24 MHz
clock/crystal source with 0 ppm deviation. The 24 MHz crystal frequency tolerance/deviation should be added to this number
for the total Ethernet clock output frequency tolerance.
——
+/-20
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com