Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX28AEC Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 53Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 54Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 55Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
55
3.5.14.3
MS (Memory Stick) AC Timing
The SSP module, which also has the function of a memory stick host controller, is compatible with the
Sony Memory Stick version 1.x and Memory Stick PRO.
Figure 38, Figure 39 and Table 40 show the timing of the Memory Stick. Table 60 and Table 61 list the
Memory Stick timing characteristics.
Figure 38. MS Clock Time Waveforms
Figure 39. MS Serial Transfer Mode Timing Diagram
20%
80%
80%
20%
SCK
50%
50%
20%
80%
50%
MS4
MS2
MS5
MS3
MS1
SCK
BS(CMD)
DATA
(Output)
DATA
(Input)
MS1
MS6
MS7
MS8
MS9
MS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com