Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX28AEC Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
34
Freescale Semiconductor
3.5.4.1
ENET MII Mode Timing
This subsection describes MII receive, transmit, asynchronous inputs, and serial management signal
timings.
3.5.4.1.1
MII Receive Signal Timing (ENET0_RXD[3:0], ENET0_RX_DV, ENET0_RX_ER,
and ENET0_RX_CLK)
The receiver functions correctly up to an ENET0_RX_CLK maximum frequency of 25 MHz + 1%. There
is no minimum frequency requirement. Additionally, the processor clock frequency must exceed twice the
ENET0_RX_CLK frequency.
Figure 9 shows MII receive signal timings. Table 39 describes the timing parameters (M1–M4) shown in
the figure.
Figure 9. MII Receive Signal Timing Diagram
1 ENET0_RX_DV, ENET0_RX_CLK, and ENET0_RXD0 have the same timing in 10 Mbps 7-wire interface mode.
3.5.4.1.2
MII Transmit Signal Timing (ENET0_TXD[3:0], ENET0_TX_EN,
ENET0_TX_ER, and ENET0_TX_CLK)
The transmitter functions correctly up to an ENET0_TX_CLK maximum frequency of 25 MHz + 1%.
There is no minimum frequency requirement. Additionally, the processor clock frequency must exceed
twice the ENET0_TX_CLK frequency.
Table 39. MII Receive Signal Timing
ID
Characteristic1
Min.
Max.
Unit
M1
ENET0_RXD[3:0], ENET0_RX_DV, ENET0_RX_ER to
ENET0_RX_CLK setup
5—
ns
M2
ENET0_RX_CLK to ENET0_RXD[3:0], ENET0_RX_DV,
ENET0_RX_ER hold
5—
ns
M3
ENET0_RX_CLK pulse width high
35%
65%
ENET0_RX_CLK
period
M4
ENET0_RX_CLK pulse width low
35%
65%
ENET0_RX_CLK
period
ENET0_RX_CLK (input)
ENET0_RXD[3:0] (inputs)
ENET0_RX_DV
ENET0_RX_ER
M3
M4
M1
M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com