Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMX28AEC Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # IMX28AEC
Description  Processors Data Sheet for Automotive Products High assurance boot
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX28AEC Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button IMX28AEC Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX28AEC Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
i.MX28 Applications Processors Data Sheet for Automotive Products, Rev. 1
Freescale Semiconductor
23
3.4
I/O AC Timing and Parameters
Figure 3 and Figure 4 show the Driver Used for AC Simulation Testpoint and the Output Pad Transition
Waveform.
Figure 3. Driver Used for AC Simulation Testpoint
Figure 4. Output Pad Transition Waveform
Table 28 shows the base GPIO AC timing and parameters.
Table 28. Base GPIO
Parameters
Symbol
Test Voltage
Test Capacitance
Min
Rise/Fall
MaxRise/Fall
Units
Notes
Duty cycle
Fduty
%
Output pad transition
times (maximum drive)
tpr
1.7~1.9V
10pF
0.82
0.91
1.93
1.97
ns
1.7~1.9V
20pF
1.18
1.22
2.69
2.71
1.7~1.9V
50pF
2.11
2.03
4.62
4.44
3.0~3.6V
10pF
1.04
1.08
2.46
2.18
3.0~3.6V
20pF
1.42
1.5
3.29
3
3.0~3.6V
50pF
2.46
2.61
5.34
5.12
Driver Used for AC simulation
Testpoint
Driver Used for AC simulation
Testpoint
Output Pad Transition Waveform
VDDIO
20%
80%
Output Pad Transition Waveform
VDDIO
20%
80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com