Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 6 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 2Page - OSRAM GmbH AS6221T Datasheet HTML 3Page - OSRAM GmbH AS6221T Datasheet HTML 4Page - OSRAM GmbH AS6221T Datasheet HTML 5Page - OSRAM GmbH AS6221T Datasheet HTML 6Page - OSRAM GmbH AS6221T Datasheet HTML 7Page - OSRAM GmbH AS6221T Datasheet HTML 8Page - OSRAM GmbH AS6221T Datasheet HTML 9Page - OSRAM GmbH AS6221T Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AS6221T
Absolute maximum ratings
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
6 / 36
/
3.2
Pin description
Table 2: Pin description of AS6221T (WLCSP)
Pin number
Pin name
Pin type(1)
Description
A1
SDA
DIO_SOD
Serial interface data
A2
SCL
DI_S
Serial interface clock
B1
VDD
S
Positive supply voltage
B2
VSS
S
Ground pin
C1
ADD0
DI_S
Address select 0
C2
ALERT/ADD1
DIO_SOD
Alert output and address select 1
(1) Explanation of abbreviations:
S
Supply
DI_S
Digital Schmitt trigger input
DIO_SOD
Digital Schmitt trigger input / Open drain output
In Table 2, the pins of AS6221T are described. External pull up resistors (to VDD) are
necessary for the pins “SDA” and “SCL”.
The pin “ADD0” must not be left unconnected (refer to section 6.3.3 for further details).
The pin “ALERT/ADD1” is used to set the I²C address and has the additional functionality of
triggering an interrupt. In case this ALERT functionality is used, a pull up resistor (to VDD) is
necessary. If this functionality is not used it must be connected to VSS or SCL, depending on
the selected I²C address (refer to section 6.3.3 for further details). It must not be left
unconnected.
4
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com