Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 25 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 21Page - OSRAM GmbH AS6221T Datasheet HTML 22Page - OSRAM GmbH AS6221T Datasheet HTML 23Page - OSRAM GmbH AS6221T Datasheet HTML 24Page - OSRAM GmbH AS6221T Datasheet HTML 25Page - OSRAM GmbH AS6221T Datasheet HTML 26Page - OSRAM GmbH AS6221T Datasheet HTML 27Page - OSRAM GmbH AS6221T Datasheet HTML 28Page - OSRAM GmbH AS6221T Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
25 / 36
/
6.3.6
Slave receiver mode
Any transmission is invoked by the master device by transmitting the slave address with a low
R/W bit. Subsequently, the slave device acknowledges the reception of the valid address by
pulling the ninth bit to a low level. Following to acknowledge, the master transmits the content
of the index register. This transfer is again acknowledged by the slave device. The next data
byte(s) are written to the actual data register which is selected by the index register while each
transfer is acknowledged upon a completed transfer by the slave device. A data transfer can
be finished if the master transmits a START or a STOP condition on the bus.
6.3.7
Slave transmitter
The master transmits the slave address with a high R/W bit. In turn, the slave acknowledges a
valid slave address. Subsequently, the slave transmits the MSB byte of the actual selected
data register by the index register. After the MSB byte transmission, acknowledge is sent by
the master. Afterwards, the LSB byte is transmitted by the slave which is also acknowledged
by the master after the completed transmission. The data transfer can be terminated by the
master by transmitting a Not-Acknowledge after the transmitted slave data or by invoking a
START or a STOP condition on the bus.
6.3.8
Alert function
If the device is configured for an interrupt mode operation (IM=1), the ALERT output can be
used as an alert signal.
If the polarity bit is set to ‘0’ (POL=’0’), the alert condition bit is set to ‘0’ in case the
temperature has exceeded the configured value in register THIGH. Accordingly, the alert
condition bit is set to ‘1’ if the temperature has fallen below the configured value in register
TLOW.
If the polarity bit is set to ‘1’ (POL=’1’), the alert condition bit is inverted. The following table
summarizes the status of the alert condition bit with different alert conditions and polarity
configurations.
Table 22: Alert condition bit
Polarity bit
Alert condition
Alert condition bit (AC-Bit)
0
T ≥ THIGH
0
0
T ≤ TLOW
1
1
T ≥ THIGH
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com