Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 14 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 10Page - OSRAM GmbH AS6221T Datasheet HTML 11Page - OSRAM GmbH AS6221T Datasheet HTML 12Page - OSRAM GmbH AS6221T Datasheet HTML 13Page - OSRAM GmbH AS6221T Datasheet HTML 14Page - OSRAM GmbH AS6221T Datasheet HTML 15Page - OSRAM GmbH AS6221T Datasheet HTML 16Page - OSRAM GmbH AS6221T Datasheet HTML 17Page - OSRAM GmbH AS6221T Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
14 / 36
/
6.2.3
Conversion rate bits
The conversion rate bits define the number of executed temperature conversions per time unit.
Additional readouts of the temperature register between conversions are possible but not
recommended because the value is changed only after a conversion is finished.
Values of 125 ms, 250 ms, 1 s and 4 s for a conversion can be configured while the default
rate is set to 4 conversions per second. The following table summarizes the different
configuration settings:
Table 11: Conversion rate configuration
Conversion rate bits
Conversion rate
Bit 7
Bit 6
Conv/s
0
0
0.25
0
1
1
1
0
4
1
1
8
The device immediately starts a conversion after a power-on sequence and provides the first
result after typ. 36 ms (max. 51 ms). A higher power consumption occurs during the actual
conversion while the device stays in the standby mode after a finished conversion until the
next conversion is activated. This is shown in the following figure.
Figure 6: Conversion sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com