Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 5Page - OSRAM GmbH AS6221T Datasheet HTML 6Page - OSRAM GmbH AS6221T Datasheet HTML 7Page - OSRAM GmbH AS6221T Datasheet HTML 8Page - OSRAM GmbH AS6221T Datasheet HTML 9Page - OSRAM GmbH AS6221T Datasheet HTML 10Page - OSRAM GmbH AS6221T Datasheet HTML 11Page - OSRAM GmbH AS6221T Datasheet HTML 12Page - OSRAM GmbH AS6221T Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AS6221T
Operating conditions
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
9 / 36
/
Figure 3: Graphical representation of accuracy values
In Figure 3, the temperature error is plotted against the temperature. This graph represents the
actual measurement of typical samples which have been mounted onto PCBs.
5.2
Digital system parameters
Table 6: Digital system parameters of AS6221T
Parameter
Symbol
Pins
Min
Typ
Max
Unit
Note
High level input
voltage
V_IH
SCL, ADD0
0.7 *
VDD
V
Low level input
voltage
V_IL
SCL, ADD0
0.3 * VDD
V
Hysteresis voltage
V_HYST
SCL, ADD0,
SDA, Alert
700
mV
Input leakage current
I_LEAK
SCL; ADD0
-1
1
µA
V_IL=0.0 V
Low level output
voltage
V_OL
Alert
VSS+0.4
V
I_OL=3 mA
High level input
voltage
V_IH
SDA
0.7 *
VDD
V
Low level input
voltage
V_IL
SDA
0.3*VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com