Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 17 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 13Page - OSRAM GmbH AS6221T Datasheet HTML 14Page - OSRAM GmbH AS6221T Datasheet HTML 15Page - OSRAM GmbH AS6221T Datasheet HTML 16Page - OSRAM GmbH AS6221T Datasheet HTML 17Page - OSRAM GmbH AS6221T Datasheet HTML 18Page - OSRAM GmbH AS6221T Datasheet HTML 19Page - OSRAM GmbH AS6221T Datasheet HTML 20Page - OSRAM GmbH AS6221T Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
17 / 36
/
indicates the fault condition if a defined number of consecutive temperature readings meets
this fault condition. The number of consecutive faults are defined with two bits (12 and 11) and
prevent a false alert if environmental temperature noise is present. The register configuration is
shown in the following table.
Table 15: Consecutive fault bit settings
Consecutive fault bits
Consecutive faults (N)
Bit 12
Bit 11
0
0
1
0
1
2
1
0
3
1
1
4
6.2.8
Single shot conversion
The device features a single shot measurement mode if the device is in sleep mode (SM=1).
By setting the “Single Shot-bit” to 1, a single temperature conversion is started and the SS-bit
can be read as 1 during the active conversion operation. Once the conversion is completed,
the device enters the sleep mode again and the SS-bit is set to 0. The single shot conversion
allows very low power consumption since a temperature conversion is executed on demand
only. This allows a user defined timing of the temperature conversions to be executed and is
used if the consecutive operation mode is not required.
The first conversion triggered in this mode has a longer conversion time. In the section 6.2.4 it
is detailed together with the recommendation to trigger the first conversion simultaneously with
entering the sleep mode.
As the device exhibits a very short conversion time, the effective conversion rate can be
increased by setting the single shot bit repetitively after a conversion has finished. However, it
has to be ensured that the additional power is limited, otherwise self-heating effects have to be
considered.
Table 16: Single shot conversion bit settings
Single shot bit
Conversion
0
No conversion ongoing/ conversion finished
1
Start single shot conversion / conversion ongoing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com