Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 7 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 3Page - OSRAM GmbH AS6221T Datasheet HTML 4Page - OSRAM GmbH AS6221T Datasheet HTML 5Page - OSRAM GmbH AS6221T Datasheet HTML 6Page - OSRAM GmbH AS6221T Datasheet HTML 7Page - OSRAM GmbH AS6221T Datasheet HTML 8Page - OSRAM GmbH AS6221T Datasheet HTML 9Page - OSRAM GmbH AS6221T Datasheet HTML 10Page - OSRAM GmbH AS6221T Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AS6221T
Operating conditions
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
7 / 36
/
Table 3: Absolute maximum ratings of AS6221T
Symbol
Parameter
Min
Max
Unit
Comments
Electrical parameters
VDD / VSS
Supply voltage to VSS
-0.3
4
V
Reference to VSS
VDIO
IO pin voltage
-0.3
4
V
Reference to VSS
I_SCR
Input current (latch up immunity)
-100
100
mA
According to JESD78E
Electrostatic discharge
ESDHBM
Electrostatic discharge HBM
±2000
V
JS-001-2023
ESDCDM
Electrostatic discharge CDM
±500
V
JS-002-2022
Temperature ranges and storage conditions
TA
Operating ambient temperature
-40
125
°C
TJ
Operating junction temperature
-40
125
°C
TSTRG
Storage temperature range
-55
125
°C
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020(1)
RHNC
Relative humidity (non-
condensing)
5
85
%
MSL
Moisture sensitivity level
1
Unlimited floor lifetime
(1) The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-
020 “Moisture/Reflow
Sensitivity Classification for Nonhermetic Soli
d State Surface Mount Devices”.
5
Operating conditions
The AS6221T is a complete sensor system that has an integrated sensing element, the analog
frontend, the A/D converter and the digital signal processing part.
The digital signal processing part consists of the signal processor, the registers and the serial
bus interface.
5.1
Analog system parameters
Table 4: Analog system parameters of AS6221T
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
1.71
1.8
1.98
V
T= 0 °C to 60 °C
Temperature range
T
0
60
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com