Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 15 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 11Page - OSRAM GmbH AS6221T Datasheet HTML 12Page - OSRAM GmbH AS6221T Datasheet HTML 13Page - OSRAM GmbH AS6221T Datasheet HTML 14Page - OSRAM GmbH AS6221T Datasheet HTML 15Page - OSRAM GmbH AS6221T Datasheet HTML 16Page - OSRAM GmbH AS6221T Datasheet HTML 17Page - OSRAM GmbH AS6221T Datasheet HTML 18Page - OSRAM GmbH AS6221T Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
15 / 36
/
6.2.4
Sleep mode
The sleep mode is activated by setting the bit SM in the configuration register to 1. This shuts
the device down immediately and reduces the power consumption to a minimum value.
The serial interface is the only active circuitry in sleep mode in order to provide access to the
digital registers.
Entering the sleep mode will take some time (120 ms maximum) and the first conversion after
the sleep mode has been entered takes longer than the values specified in Table 4. It is
therefore recommended when entering sleep mode to trigger a single shot conversion at the
same time. After 150 ms (max), the device has then entered the sleep mode and subsequent
conversion times are as specified in Table 4.
After resetting the SM bit to 0, the device enters the continuous conversion mode.
Table 12: Sleep mode configuration
Sleep mode bit
Operation mode
0
Continuous conversion mode
1
Sleep mode
6.2.5
Interrupt mode
The interrupt mode bit defines whether the device operates in the temperature comparator
mode or the interrupt mode. This defines the operation of the ALERT output as described in
the polarity section bit.
Table 13: Interrupt mode configuration
Interrupt mode bit
Configuration mode
0
Comparator mode
1
Interrupt mode
The comparator mode is characterized that if the temperature value exceeds the THIGH value,
the alert output is changed (e.g. from high to low if the polarity bit is set to 0 and vice versa).
The alert output stays in that condition until the measured temperature drops below the defined
TLOW value.
The interrupt mode is characterized that it changes the alert output as soon as the measured
temperature crosses the THIGH or TLOW value threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com