Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 22Page - OSRAM GmbH AS6221T Datasheet HTML 23Page - OSRAM GmbH AS6221T Datasheet HTML 24Page - OSRAM GmbH AS6221T Datasheet HTML 25Page - OSRAM GmbH AS6221T Datasheet HTML 26Page - OSRAM GmbH AS6221T Datasheet HTML 27Page - OSRAM GmbH AS6221T Datasheet HTML 28Page - OSRAM GmbH AS6221T Datasheet HTML 29Page - OSRAM GmbH AS6221T Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
26 / 36
/
Polarity bit
Alert condition
Alert condition bit (AC-Bit)
1
T ≤ TLOW
0
6.3.9
High speed mode
The bus operation is limited to 400 kHz unless a high speed command is issued by the master
device as the first byte after a START condition. This switches the bus to a high speed
operation which allows data transfer frequencies up to 3.4 MHz. Such a command is not
acknowledged by the slave but the input filter time constants on the serial interface (SDA and
SCL) are adapted to allow the higher transfer rate.
After a high speed command, the slave address is transmitted by the master in order to invoke
a data transfer. The bus keeps operating at the higher operating frequency until the master
issues a STOP condition on the serial bus. Upon the reception of the STOP condition by the
slave, the input filters are switched to their initial time constants which allow lower transfer
rates only.
6.3.10
General call
A general call is issued by the master by transmitting the general call address (000 0000) with
a low R/W bit. When this command is issued on the bus, the device acknowledges this
command. The device also acknowledges the second byte but ignores the data. Subsequent
bytes sent by the master during the general call are not acknowledged.
6.3.11
Start byte
When the master transmits address 000 0000 and
a high R/W bit (“START byte”) the device
acknowledges the address. The device then send the MSB data byte and LSB data byte,
where the data corresponds to the content of the register whose address has been last written
to. After reset this corresponds to the temperature register.
6.3.12
Timeout function
The serial interface of the slave device is reset if the clock signal SCL is kept low for typ.
30 ms. Such a condition results in a release of the data line by the slave in case it has been



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com