Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 11 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 7Page - OSRAM GmbH AS6221T Datasheet HTML 8Page - OSRAM GmbH AS6221T Datasheet HTML 9Page - OSRAM GmbH AS6221T Datasheet HTML 10Page - OSRAM GmbH AS6221T Datasheet HTML 11Page - OSRAM GmbH AS6221T Datasheet HTML 12Page - OSRAM GmbH AS6221T Datasheet HTML 13Page - OSRAM GmbH AS6221T Datasheet HTML 14Page - OSRAM GmbH AS6221T Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
11 / 36
/
6
Register description
6.1
Register overview
Figure 4: Register map with serial interface
In Figure 4, the registers that the device contains are shown.
With the use of the index register, it is possible to address the specific register. The index
register is an 8-bit register, where only bits 0 and 1 are used as shown in Table 8 and all other
bits are set to 0 and read only.
6.1.1
Index register
Table 8: INDEX register
Bit
Bit name
Default
Access
0
Address bit
0
RW
1
Address bit
0
RW
2
Reserved
0
RO
3
Reserved
0
RO
4
Reserved
0
RO
5
Reserved
0
RO
6
Reserved
0
RO
7
Reserved
0
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com