Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 33 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 28Page - OSRAM GmbH AS6221T Datasheet HTML 29Page - OSRAM GmbH AS6221T Datasheet HTML 30Page - OSRAM GmbH AS6221T Datasheet HTML 31Page - OSRAM GmbH AS6221T Datasheet HTML 32Page - OSRAM GmbH AS6221T Datasheet HTML 33Page - OSRAM GmbH AS6221T Datasheet HTML 34Page - OSRAM GmbH AS6221T Datasheet HTML 35Page - OSRAM GmbH AS6221T Datasheet HTML 36Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
AS6221T
Application information
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
33 / 36
/
7.1
External components
Figure 14: Schematic with external components
Table 24: Values for external components
Parameter
Min
Typ
Unit
Decoupling capacitor
10
nF
Pull-up resistors
10
k
Ω
In Figure 14 and Table 24 the schematics and the recommended values for external
components are shown.
The decoupling capacitor for the supply should have a value of at least 10 nF.
In order to use the alert functionality, the ALERT/ADD1 pin must be connected via a pull up
resistor to VDD.
For the serial interface, pull up resistors to VDD are mandatory.
The pull up resistors on the serial interface and the interrupt depend on the bus capacitance
and on the clock speed.
VDD
10nF
VDD
Address Select 0
Slave
Pull-up resistors
RPU
SDA
ADD0
VDD
SCL
VSS
ADD1/
ALERT
Address Select 1
SCL
SDA
Alert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com