Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 28 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 24Page - OSRAM GmbH AS6221T Datasheet HTML 25Page - OSRAM GmbH AS6221T Datasheet HTML 26Page - OSRAM GmbH AS6221T Datasheet HTML 27Page - OSRAM GmbH AS6221T Datasheet HTML 28Page - OSRAM GmbH AS6221T Datasheet HTML 29Page - OSRAM GmbH AS6221T Datasheet HTML 30Page - OSRAM GmbH AS6221T Datasheet HTML 31Page - OSRAM GmbH AS6221T Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
28 / 36
/
6.3.14
Timing characteristics
Figure 9: Serial interface timing diagram
Table 23: Bus timing specifications
Parameter
Symbol
Fast mode
High speed mode
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
0.001
0.4
0.001
3.4
MHz
Bus free time between STOP and
START condition
tBUF
600
160
ns
Hold time after repeated START
condition
tHDSTA
100
100
ns
Repeated START condition setup
time
tSUSTA
100
100
ns
Data in hold time
tHDDAT
0
0
ns
Data out hold time (1)
tDH
100
100
ns
Data setup time
tSUDAT
100
10
ns
SCL clock low period
tLOW
1300
160
ns
SCL clock high period
tHIGH
600
60
ns
Clock/data fall time
tF
300
80
ns
Clock/data rise time
tR
300
80
ns
Clock/data rise time for
SCL
≤ 100 kHz
tR
1000
ns
(1) The device will hold the SDA line high for 100 ns during the falling edge of the SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com