Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 23 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 19Page - OSRAM GmbH AS6221T Datasheet HTML 20Page - OSRAM GmbH AS6221T Datasheet HTML 21Page - OSRAM GmbH AS6221T Datasheet HTML 22Page - OSRAM GmbH AS6221T Datasheet HTML 23Page - OSRAM GmbH AS6221T Datasheet HTML 24Page - OSRAM GmbH AS6221T Datasheet HTML 25Page - OSRAM GmbH AS6221T Datasheet HTML 26Page - OSRAM GmbH AS6221T Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
23 / 36
/
After completing the data transfer, the master generates a STOP condition by pulling the data
line (SDA) from low level to high level while the clock signal (SCL) is kept at high level.
6.3.2
Data interface
A bus connection is created by connecting the open drain input/output lines SDA and SCL to
the two wire bus. The inputs of SDA and SCL feature Schmitt-trigger inputs as well as low
pass filters in order to suppress noise on the bus line. This improves the robustness against
spikes on the two wire interface.
Both fast transmission mode (1 kHz to 400 kHz) and high-speed transmission mode (1 kHz to
3.4 MHz) are employed to cover different bus speed settings.
Any data transfer transmits the MSB first and the LSB as last bit.
6.3.3
Bus address
A slave address consists of seven bits, followed by a data direction bit (read/write operation).
The slave address can be selected from 8 different address settings by connecting the pin
ADD0 and ADD1 to an appropriate signal as summarized in Table 21.
The ADD0 and the ADD1 pin must not be left unconnected.
The address selection with ADD1 is depending on the usage of the ALERT function (described
in chapter 6.3.8). In case the ALERT functionality is used, it must be connected via a pull up
resistor to VDD. In case the ALERT functionality is not used, the pin must be connected to
either SCL or VSS (refer to Table 21 for details).
Table 21: I²C address select configuration
ALERT / ADD1
connection
ADD0 connection
Alert
functionality
enabled
Device address
(bin)
Device address
(hex)
SCL
VSS
No
101 0100
0x54
SCL
VDD
No
101 0101
0x55
SCL
SDA
No
101 0110
0x56
SCL
SCL
No
101 0111
0x57
VSS
VSS
No
101 1000
0x58
VSS
VDD
No
101 1001
0x59
VSS
SDA
No
101 1010
0x5A
VSS
SCL
No
101 1011
0x5B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com