Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 8 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 4Page - OSRAM GmbH AS6221T Datasheet HTML 5Page - OSRAM GmbH AS6221T Datasheet HTML 6Page - OSRAM GmbH AS6221T Datasheet HTML 7Page - OSRAM GmbH AS6221T Datasheet HTML 8Page - OSRAM GmbH AS6221T Datasheet HTML 9Page - OSRAM GmbH AS6221T Datasheet HTML 10Page - OSRAM GmbH AS6221T Datasheet HTML 11Page - OSRAM GmbH AS6221T Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AS6221T
Operating conditions
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
8 / 36
/
Parameter
Symbol
Min
Typ
Max
Unit
Note
Standby current
consumption
IDD
0.1
0.7
µA
T= 0 °C to 45 °C
1.5
µA
T= 45 °C to 60 °C
Current consumption
(4 conversions /s)
IDD
6
8
µA
T= 0 °C to 45 °C
Serial bus inactive
9.5
µA
T= 45 °C to 60 °C
Serial bus inactive
Resolution
N
16
Bits
Conversion time
TS
22
36
51
ms
Conversion rate
NS
0.25
1
4
8
Conv/s
CR[1:0]=00
CR[1:0]=01
CR[1:0]=10
CR[1:0]=11
Supply voltage rise time
TRise_VDD
20
ms
from 0.1 V to 1.6 V
Supply voltage slew rate
SR_VDD
50
mV/ms
from 0.1 V to 1.6 V
In Table 4, an overview of the analog system parameters is given.
The current consumption for less than 4 conversions per second is lower than the values given
in Table 4.
Table 5: Temperature accuracy values of AS6221T
Variant
Symbol
Min
Typ
Max
Unit
Note
AS6221T
T_ERR
-0.09
-0.1
-0.12
0.09
0.1
0.12
°C
T= 20 °C to 42 °C
T= -25 °C to 55 °C
T= 55 °C to 60 °C
In Table 5, the different accuracy values of AS6221T are shown. These values are
representative for a 3
 distribution. All accuracy values are valid for the complete supply
voltage range given in Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com