Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS6221T Datasheet(PDF) 27 Page - OSRAM GmbH

Part # AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 23Page - OSRAM GmbH AS6221T Datasheet HTML 24Page - OSRAM GmbH AS6221T Datasheet HTML 25Page - OSRAM GmbH AS6221T Datasheet HTML 26Page - OSRAM GmbH AS6221T Datasheet HTML 27Page - OSRAM GmbH AS6221T Datasheet HTML 28Page - OSRAM GmbH AS6221T Datasheet HTML 29Page - OSRAM GmbH AS6221T Datasheet HTML 30Page - OSRAM GmbH AS6221T Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
AS6221T
Register description
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
27 / 36
/
pulled to low level. The slave remains inactive after a timeout and waits for a new START
command invoked by the bus master. In order to prevent a timeout, the bus transfer rate must
be higher than 1 kHz.
6.3.13
Bus conditions
The following conditions occur on the serial bus which is compatible to the I²C-Bus.
Bus idle
The signals SDA and SCL are not actively driven and pulled to a high level by an external pull-
up resistor.
Start data transfer
A transition of the SDA input from high to low level while the SCL signal is kept at high level
results in a START condition. Such a START condition must precede any data transfer.
Stop data transfer
A transition of the SDA input from low to high level while the SCL signal is kept at high level
results in a STOP condition. Any data transfer is finished by generating a STOP or START
condition.
Data transfer
The master device defines the number of data bytes between a START and STOP condition
and there is no limitation in the amount of data to be transmitted.
If it is desired to read only a single MSB byte without the LSB byte, a termination of the data
transfer can be provoked by issuing a START or STOP condition on the bus.
Acknowledge
It is mandatory for each slave device to respond with acknowledge if the device is addressed
by the master. Acknowledge is indicated by pulling down the data line (SDA) while the clock
signal (SCL) is high in the acknowledge clock phase. In order to avoid an unwanted START or
STOP condition on the bus, setup and hold times must be met.
The master can signal an end of data transmission by transmitting a Not-Acknowledge on the
last transmitted data byte by keeping the acknowledge bit at high level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com