Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 66 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 62Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 63Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 64Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 65Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 66Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 67Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 68Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 69Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 97 page
background image
66
Rev. B - November 10, 2000
Preliminary
T80C5112
A low-priority interrupt can be interrupted by a high priority interrupt, but not by another low-priority interrupt.
A high-priority interrupt canÕt be interrupted by any other interrupt source.
If two interrupt requests of different priority levels are received simultaneously, the request of higher priority level
is serviced. If interrupt requests of the same priority level are received simultaneously, an internal polling sequence
determines which request is serviced. Thus within each priority level there is a second priority structure determined
by the polling sequence.
Table 40. Priority bit level values
IPH.x
IP.x
Interrupt Level Priority
0
0
0 (Lowest)
0
1
1
1
0
2
1
1
3 (Highest)
Table 41. Address vectors
Interrupt Name
Interrupt Address
Vector
Priority Number
external interrupt (INT0)
0003h
1
Timer0 (TF0)
000Bh
2
external interrupt (INT1)
0013h
3
Timer1 (TF1)
001Bh
4
PCA (CF or CCFn)
0033h
5
UART (RI or TI)
0023h
6
SPI
004Bh
8
ADC
0043h
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com